Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI2CM Datasheet(PDF) 2 Page - Digital Core Design

Part # DI2CM
Description  I2C Bus Interface - Master
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CM Datasheet(HTML) 2 Page - Digital Core Design

  DI2CM Datasheet HTML 1Page - Digital Core Design DI2CM Datasheet HTML 2Page - Digital Core Design DI2CM Datasheet HTML 3Page - Digital Core Design DI2CM Datasheet HTML 4Page - Digital Core Design DI2CM Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
Delivery the IP Core updates, mi-
nor and major versions changes
Delivery the documentation up-
dates
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
SYMBOL
datai(7:0)
datao(7:0)
irq
rd
we
address(1:0)
scli
sdai
cs
rst
clk
sclhs
sclo
sdao
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
address(1:0)
input
Processor address lines
cs
input
Chip select
we
input
Processor write strobe
rd
input
Processor read strobe
scli
input
I
2C bus clock line (input)
sdai
input
I
2C bus data line (input)
datai(7:0)
input
Processor data bus (input)
datao(7:0)
output
Processor data bus (output)
sclo
output
I
2C bus clock line (output)
sclhs
output
High-speed clock line (output)
sdao
output
I
2C bus data line (output)
irq
output
Processor interrupt line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com