Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI2CM Datasheet(PDF) 3 Page - Digital Core Design

Part # DI2CM
Description  I2C Bus Interface - Master
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CM Datasheet(HTML) 3 Page - Digital Core Design

  DI2CM Datasheet HTML 1Page - Digital Core Design DI2CM Datasheet HTML 2Page - Digital Core Design DI2CM Datasheet HTML 3Page - Digital Core Design DI2CM Datasheet HTML 4Page - Digital Core Design DI2CM Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
BLOCK DIAGRAM
Figure below shows the DI2CM IP Core block
diagram.
address(1:0)
datai(7:0)
datao(7:0)
rd
cs
we
rst
clk
irq
CPU
Interface
sdai
sdao
scli
sclo
Input
Filter
Output
Register
Shift
Register
Clock
Generator
Output
Register
Input
Filter
Timer
Control
Logic
Clock
Synchronization
Send
Data
Receive
Data
Slave
Address
Control
Register
Status
Register
Arbitration
Logic
Output
Register
sclhs
CPU Interface
– Performs the interface func-
tions between DI2CM internal blocks and mi-
croprocessor. Allows easy connection of the
core to a microprocessor/microcontroller sys-
tem.
Control Logic
– Manages execution of all
commands sent via interface. Synchronizes
internal data flow.
Shift Register
– Controls SDA line, performs
data and address shifts during the data
transmission and reception.
Control Register
– Contains five control bits
used for performing all types of I2C Bus
transmissions.
Status Register
– Contains seven status bits
that indicates state of the I2C Bus and the
DI2CM core.
Clock Generator
– Performs generation of
the serial clock.
Input Filter
– Performs spike filtering.
Clock Synchronization
– Performs clock
synchronization.
Arbitration Logic
– Performs arbitration dur-
ing operations in multi-master systems.
Timer
– Allows operation from a wide range of
the input frequencies. It is programmed by an
user before transmission and can be repro-
grammed to change the SCL frequency.
IMPLEMENTATIO N
Figures below show the typical DI2CM imple-
mentations in system with Standard/Fast and
High-speed devices.
open drain
open drain
RP
RP
VDD
sdai
SCL
SDA
sdao
RS
RS
sclo
scli
DI2CM
Slave
device
scl
RS
RS
sda
sclhs
DI2CM implementation in I
2C-bus system with
Standard/Fast devices only
open drain
open drain
RP
RP
VDD
sdai
SCL
SDA
sdao
RS
RS
sclo
scli
DI2CM
Slave
device
scl
RS
RS
sda
sclhs
VDD
current-source
pull-up
DI2CM implementation in I
2C-bus system with
High-speed devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com