Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DINT2FP Datasheet(PDF) 2 Page - Digital Core Design

Part # DINT2FP
Description  Integer to Floating Point Pipelined Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DINT2FP Datasheet(HTML) 2 Page - Digital Core Design

  DINT2FP Datasheet HTML 1Page - Digital Core Design DINT2FP Datasheet HTML 2Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
tation. It also permits FPGA prototyping be-
fore ASIC production.
Unlimited Designs
license allows using IP
Core in unlimited number of FPGA bitstreams
and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs
SYMBOL
datai(31:0)
datao(31:0)
en
rst
clk
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
Input Global system clock
rst
Input Global system reset
en
Input Enable computing
datai[31:0]
Input Data bus input
datao[31:0]
Output Data bus output
BLOCK DIAGRAM
datai(31:0)
datao(31:0)
en
rst
clk
Argument
Checker
Main FP
Pipelined Unit
Result
Composer
Arguments Checker
- performs input data
analyze against IEEE-754 number standard
compliance. The appropriate numbers and
information about the input data classes are
given as the results to Main FP Pipelined
Unit.
Main FP Pipelined Unit
- performs integer to
floating point conversion. Gives the complex
information about the results to Result Com-
poser module.
Result Composer
- performs result rounding
function, and data alignment to IEEE-754
standard.
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route :
Device
Speed
grade
Logic Cells
Fmax
FLEX10KE
-1
570
83 MHz
ACEX1K
-1
570
80 MHz
APEX20K
-1
470
61 MHz
APEX20KE
-1
470
73 MHz
APEX20KC
-7
470
87 MHz
APEX-II
-7
470
103 MHz
MERCURY
-5
570
157 MHz
STRATIX
-5
400
150 MHz
CYCLONE
-6
385
156 MHz
STRATIX-II
-3
330
234 MHz
CYCLONE-II
-6
410
149 MHz
Core performance in ALTERA® devices



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com