Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DINT2FP Datasheet(PDF) 1 Page - Digital Core Design

Part # DINT2FP
Description  Integer to Floating Point Pipelined Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DINT2FP Datasheet(HTML) 1 Page - Digital Core Design

  DINT2FP Datasheet HTML 1Page - Digital Core Design DINT2FP Datasheet HTML 2Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
Encrypted, or plain text EDIF netlist
D
DIIN
NT
T2
2F
FP
P
Integer to Floating Point Pipelined Converter
ver 2.32
OVERVIEW
The DINT2FP is the pipelined integer to
floating point converter. The input and output
numbers format is according to IEEE-754
standard. DINT2FP supports double word
integers (4 Bytes) and single precision real
numbers. Convert operation is pipelined to 3
levels. Input data are fed every clock cycle.
The first result appears after latency equal to
3 clock periods and next results are available
each clock
cycle. Full precision and accu-
racy are accomplished.
APPLI C ATION
Math coprocessors
DSP algorithms
Embedded arithmetic coprocessor
Data processing & control
KEY FEATURES
Full IEEE-754 compliance
Double word integer input numbers (4
Bytes)
Single precision real output numbers
Simple interface
No programming required
3 levels pipelining
Full accuracy and precision
Results available at every clock
Fully configurable
Fully synthesizable, static synchronous
design with no internal tri-states
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
ModelSim automatic simulation macros
NCSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
Delivery the IP Core updates, minor
and major versions changes
Delivery the documentation updates
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of
IP Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implemen-


Similar Part No. - DINT2FP

ManufacturerPart #DatasheetDescription
logo
Permco, Inc.
DIN PERMCO-DIN Datasheet
2Mb / 2P
Trucks & Trailers
Version 2.1
logo
Premier Farnell Limited...
DIN 338 DURATOOL-DIN 338 Datasheet
25Kb / 1P
HSS TiN Coated Jobber Drill Sets
logo
English Chain Co. Ltd
DIN 5685 ENGLISHCHAIN-DIN 5685 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
DIN 5685A ENGLISHCHAIN-DIN 5685A Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
DIN 5685C ENGLISHCHAIN-DIN 5685C Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - DINT2FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFP2INT DCD-DFP2INT Datasheet
120Kb / 3P
Floating Point To Integer Pipelined Converter
DFPADD DCD-DFPADD Datasheet
111Kb / 3P
Floating Point Pipelined Adder Unit
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
Floating Point Arithmetic Coprocessor
DFPCOMP DCD-DFPCOMP Datasheet
120Kb / 3P
Floating Point Comparator Unit
DFPDIV DCD-DFPDIV Datasheet
120Kb / 3P
Floating Point Pipelined Divider Unit
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
Floating Point Coprocessor
DFPMUL DCD-DFPMUL Datasheet
121Kb / 3P
Floating Point Pipelined Multiplier Unit
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
Floating Point Pipelined Square Root Unit
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
Fixed/Floating-Point DSP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com