Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390CPU Datasheet(PDF) 6 Page - Digital Core Design

Part # DP80390CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390CPU Datasheet(HTML) 6 Page - Digital Core Design

Back Button DP80390CPU Datasheet HTML 2Page - Digital Core Design DP80390CPU Datasheet HTML 3Page - Digital Core Design DP80390CPU Datasheet HTML 4Page - Digital Core Design DP80390CPU Datasheet HTML 5Page - Digital Core Design DP80390CPU Datasheet HTML 6Page - Digital Core Design DP80390CPU Datasheet HTML 7Page - Digital Core Design DP80390CPU Datasheet HTML 8Page - Digital Core Design DP80390CPU Datasheet HTML 9Page - Digital Core Design DP80390CPU Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
microcontroller is planned to use in portable
and power critical applications.
DoCD™ Debug Unit
– it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other on-
chip debuggers DoCD™ provides non-intrusive
debugging of running application. It can halt,
run, step into or skip an instruction, read/write
any contents of microcontroller including all
registers, internal, external, program memo-
ries, all SFRs including user defined peripher-
als. Hardware breakpoints can be set and con-
trolled on program memory, internal and exter-
nal data memories, as well as on SFRs. Hard-
ware breakpoint is executed if any write/read
occurred at particular address with certain data
pattern or without pattern. Two additional pins
CODERUN, DEBUGACS indicate the sate of
the debugger and CPU. CODERUN is active
when CPU is executing an instruction. DE-
BUGACS pin is active when any access is per-
formed by DoCD™ debugger. The DoCD™
system includes JTAG interface and complete
set of tools to communicate and work with core
in real time debugging. It is built as scalable
unit and some features can be turned off to
save silicon and reduce power consumption. A
special care on power consumption has been
taken, and when debugger is not used it is
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
PROGRAM CODE SPACE
IMPLEMENTATIO N
The figure below shows an example Pro-
gram Memory space implementation in sys-
tems with DP80390CPU Microcontroller core.
The On-chip Program Memory located in ad-
dress space between 0kB and 1kB is typically
used for BOOT code with system initialization
functions. This part of the code is typically im-
plemented as ROM. The On-chip Program
Memory located in address space between
60kB and 64kB is typically used for timing criti-
cal part of the code e.g. interrupt subroutines,
arithmetic functions etc. This part of the code is
typically implemented as RAM and can be
loaded by the BOOT code during initialization
phase from Off-chip memory or through RS232
interface from external device. From the two
mentioned above spaces program code is
executed without wait-states and can achieve
a top performance up to 200 million instruc-
tions per second (many instructions executed
in one clock cycle). The Off-chip Program
Memory located in address space between
1kB and 60kB, and above 64 kB is typically
used for main code and constants. This part of
the code is usually implemented as ROM,
SRAM or FLASH device. Because of relatively
long access time the program code executed
from mentioned above devices must be
fetched with additional Wait-States. Number of
required Wait-States depends on memory ac-
cess time and DP80390CPU clock frequency.
In most cases the proper number of Wait-
States cycles is between 2-5. The READY pin
can be also dynamically modulated e.g. by
SDRAM controller.
0x000400
On-chip Memory
(implemented as ROM)
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
0x000000
0x7FFFFF
0x00F000
On chip Memory
(implemented as RAM)
0x00FFFF
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
The figure below shows a typical Program
Memories
connections
in
system
with
DP80390CPU Microcontroller core.
10
12
8
prgaddr
On-chip Memory
(implemented as ROM)
0 Wait-State access
On-
chip Memory
(implemented as RAM)
0 Wait-State access
prgromdata
i
prgramdatai
prgdatao
prgramwr
8
xdatai
8
8
xdatao
xaddr
24
xprgrd
xprgwr
Off-chip Memory
(implemented as
FLASH, or SRAM)
eg. 2-5 Wait-State
access
ASIC or FPGA
chip
ready
Wait-States
manager
DP80390CPU
The described above implementation should be
treated as an example. All Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com