Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390CPU Datasheet(PDF) 7 Page - Digital Core Design

Part # DP80390CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390CPU Datasheet(HTML) 7 Page - Digital Core Design

Back Button DP80390CPU Datasheet HTML 2Page - Digital Core Design DP80390CPU Datasheet HTML 3Page - Digital Core Design DP80390CPU Datasheet HTML 4Page - Digital Core Design DP80390CPU Datasheet HTML 5Page - Digital Core Design DP80390CPU Datasheet HTML 6Page - Digital Core Design DP80390CPU Datasheet HTML 7Page - Digital Core Design DP80390CPU Datasheet HTML 8Page - Digital Core Design DP80390CPU Datasheet HTML 9Page - Digital Core Design DP80390CPU Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
spaces are fully configurable. For timing-critical
applications whole program code can be imple-
mented as on-chip ROM and (or) RAM and
executed without Wait-States, but for some
other applications whole program code can be
implemented as off-chip ROM or FLASH and
executed with required number Wait-State cy-
cles.
PERFORMANCE
The following tables give a survey about the
Core area and performance in Programmable
Logic Devices after Place & Route (CPU fea-
tures and peripherals have been included):
Device
Speed grade
Fmax
FLEX10KE
-1
57 MHz
ACEX1K
-1
56 MHz
APEX20K
-1
50 MHz
APEX20KE
-1
63 MHz
APEX20KC
-7
76 MHz
APEX-II
-7
74 MHz
MERCURY
-5
101 MHz
CYCLONE
-6
93 MHz
CYCLONE-II
-6
95 MHz
STRATIX
-5
98 MHz
STRATIX-II
-3
160 MHz
Core performance in ALTERA® devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and theirs improvement
are shown in table below. Improvement was
computed as {80C51 clock periods} divided by
{DP80390CPU clock periods} required to exe-
cute an identical function. More details are
available in core documentation.
Function
Improvement
8-bit addition (immediate data)
9,00
8-bit addition (direct addressing)
9,00
8-bit addition (indirect addressing)
9,00
8-bit addition (register addressing)
12,00
8-bit subtraction (immediate data)
9,00
8-bit subtraction (direct addressing)
9,00
8-bit subtraction (indirect addressing)
9,00
8-bit subtraction (register addressing)
12,00
8-bit multiplication
16,00
8-bit division
9,60
16-bit addition
12,00
16-bit subtraction
12,00
16-bit multiplication
13,60
32-bit addition
12,00
32-bit subtraction
12,00
32-bit multiplication
12,60
Average speed improvement:
11,12
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DP80390CPU
performance in terms of Dhrystone/sec and
VAX MIPS rating.
Device
Target
Clock
frequency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DP80390CPU STRATIX-II
150 MHz 26220 (14.924)
Core performance in terms of Dhrystones



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com