Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3683 Datasheet(PDF) 1 Page - ams AG

Part # AS3683
Description  1A Backlight and Camera LED Power Charge Pump
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3683 Datasheet(HTML) 1 Page - ams AG

  AS3683 Datasheet HTML 1Page - ams AG AS3683 Datasheet HTML 2Page - ams AG AS3683 Datasheet HTML 3Page - ams AG AS3683 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
austriamicrosystems
AS3683
1A Backlight and Camera LED Power Charge Pump
Product Brief
© 1997-2005, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.0
1 - 4
1 General Description
The AS3683 is a low-noise, high-current 1A charge
pump designed for camera flash LEDs and LCD back-
lighting applications. The current sinks are capable of
driving up to 960mA of load current.
The AS3683 integrates two independent current source
blocks for driving a single flash LED (CURR11 to
CURR13) with up to 480mA, and general purpose LEDs
(CURR2 to CURR4) with up to 160mA/LED. The general
purpose LEDs are controlled individually and can be
used for backlighting, but also in support of an RGB fun-
light or a movie indicator lamp. To meet high-flash cur-
rent requirements (up to 960mA), both current source
blocks can be connected together (CURR11 to CURR13
and CURR2 to CURR4).
The AS3683 utilizes austriamicrosystems's patent-pend-
ing Intelligent Adaptive Mode Setting (IAMS) to switch
between 1:1, 1:1.5, and 1: 2 modes. In combination with
very-low-drop-out current sinks, the device achieves
high efficiency over the full single-cell Li+ battery voltage
range. The charge pump operates at a fixed frequency
of 1MHz allowing for tiny external components and its
design ensures low EMI and low input-ripple.
The ultra-flexible brightness control scheme allows for
simple adaptation of the device to different system archi-
tectures.
In Softflash Mode the device is controlled by an I2C
interface. In these modes the LED brightness, flash
duration, GPIOs and various charge pump states are
controlled by internal register settings. The GPIO pins
can act as programmable input or output pins and can
also be set to trigger preview and flash light directly by a
camera module.
In Hardflash mode the LED brightness is controlled by
the Enable pins. These programming pins can be used
as simple enable pins, or as PWM input, again offering
ample flexibility for setting the LED brightness.
2 Key Features
!
High-Power 1A Charge Pump
- 1:1, 1:1.5, and 1:2 Intelligent Adaptive Mode Set-
ting (IAMS)
- Efficiency up to 95%
- Soft Start to Reduce Inrush Current
- Low-Noise Constant-Frequency Operation
!
Current Sinks
- 400mA Continuous Current (@VIN = 3.2 to 5V,
VOUT = 5V)
- Up to 960mA Pulsed Flash Current
- Programmable: 0 to 160mA, 0.625mA Resolution
!
Flexible Brightness Control
- Three 0 to 160mA LEDs
- Individually Addressable via I2C Interface
!
2 Operating Modes
-Softflash Mode (I2C Interface)
- Hardflash Mode (Dedicated Control Pins)
!
2 General Purpose Inputs/Outputs in Softflash Mode
- Digital Input, Output, and Tristate
- Programmable Pull-Up and Pull-Down
- Strobe Pin can be used for Camera Flash Control
!
LED Disconnect in Shutdown
!
Open LED Detection
!
Low Stand-By Current (6µA), Interface Fully
Operating
!
Low Shut-Down Current (0.2µA)
!
Wide Battery Supply Range: 3.0 to 5.5V
!
Thermal Protection
!
24-Pin, Small Form-Factor QFN Package
- 4 x 4 x 0.85mm, 0.5mm Pitch
- Enhanced Thermal Characteristics
3 Application
Lighting management for cameras, mobile telephones,
PDAs, and other 1-cell Li+ or 3-cell NiMH powered
devices
.


Similar Part No. - AS3683

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EA1 AMSCO-AS3682-EA1 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EA2 AMSCO-AS3682-EA2 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EB1 AMSCO-AS3682-EB1 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
More results

Similar Description - AS3683

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
LTC3218 LINER-LTC3218_15 Datasheet
165Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
Eutech Microelectronics...
EUP3611 EUTECH-EUP3611 Datasheet
436Kb / 1P
1A Charge Pump LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com