Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX4100
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX4100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MPX4100
Sensors
Freescale Semiconductor
5
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor are designated as
the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel,
which protects the die from harsh media. The MPX pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Nominal Transfer Value:
Vout = VS (P x 0.01059 - 0.1518)
± (Pressure Error x Temp. Factor x 0.01059 x VS)
VS = 5.1 V ± 0.25 Vdc
Transfer Function (MPX4100A)
MPX4100A Series
Temp
Multiplier
- 40
3
0 to 85
1
+125
3
Temperature in C×
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
Temperature Error Band
Pressure
Error (Max)
Error Limits for Pressure
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
20
40
60
80
100
120
Pressure (in kPa)
20 to 105 (kPa)
±1.5 (kPa)
Pressure Error Band
Part Number
Case Type
Pressure (P1) Side Identifier
MPX4100A
867
Stainless Steel Cap
MPX4100AP
867B
Side with Port Marking
MPX4100AS
867E
Side with Port Attached
MPX4100ASX
867F
Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com