Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100 Datasheet (PDF) - Freescale Semiconductor, Inc

MPX4100 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPX4100
Download  MPX4100 Download
File Size   236.85 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description INTEGRATED PRESSURE SENSOR

MPX4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX4100 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPX4100
Download  MPX4100 Click to download

File Size   236.85 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description INTEGRATED PRESSURE SENSOR

MPX4100 Datasheet (HTML) - Freescale Semiconductor, Inc


MPX4100 Product details

Integrated Silicon Pressure Sensor Manifold Absolute Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated



The MPX4100 series Manifold Absolute Pressure (MAP) sensor for engine control is designed to sense absolute air pressure within the intake manifold. This measurement can be used to compute the amount of fuel required for each cylinder. The small form factor and high reliability of on-chip integration makes the MAP sensor a logical and economical choice for automotive system designers.



Features

ï 1.8% Maximum Error Over 0°to 85°C

ï Specifically Designed for Intake Manifold Absolute Pressure Sensing in

Engine Control Systems

ï Ideally Suited for Microprocessor Interfacing

ï Temperature Compensated Over -40°C to +125°C

ï Durable Epoxy Unibody Element

ï Ideal for Non-Automotive Applications



Typical Applications

ï Manifold Sensing for Automotive Systems




Similar Part No. - MPX4100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4100 MOTOROLA-MPX4100 Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
MPX4100A MOTOROLA-MPX4100A Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
logo
Motorola, Inc
MPX4100AP MOTOROLA-MPX4100AP Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
logo
NXP Semiconductors
MPX4100AP NXP-MPX4100AP Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
More results


Similar Description - MPX4100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
INTEGRATED PRESSURE SENSOR
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
INTEGRATED PRESSURE SENSOR
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
INTEGRATED PRESSURE SENSOR
logo
ELMOS Semiconductor AG
E777.01 ELMOS-E777.01 Datasheet
138Kb / 1P
Co-integrated pressure sensor
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
Absolute Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
Integrated, Absolute Pressure Sensor
logo
List of Unclassifed Man...
HDPM01 ETC2-HDPM01 Datasheet
1Mb / 19P
Integrated pressure sensor
logo
TE Connectivity Ltd
MS5525DSO TEC-MS5525DSO Datasheet
1Mb / 22P
Integrated Digital Pressure Sensor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com