Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9569 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AM9569
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9569 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AM9569 Datasheet HTML 1Page - AXElite technology co. ltd AM9569 Datasheet HTML 2Page - AXElite technology co. ltd AM9569 Datasheet HTML 3Page - AXElite technology co. ltd AM9569 Datasheet HTML 4Page - AXElite technology co. ltd AM9569 Datasheet HTML 5Page - AXElite technology co. ltd AM9569 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Sep.11, 2019
AM9569D
Turn-off Delay Time
td(off)
RG=3.3Ω
VGS=-10V
RD=2Ω
-
19
-
ns
Fall Time
tf
-
6
-
ns
Input Capacitance
Ciss
VGS=0V
VDS=-25V
f=1.0MHz
- 490 780 pF
Output Capacitance
Coss
-
80
-
pF
Reverse Transfer Capacitance
Crss
-
65
-
pF
Gate Resistance
Rg
f=1.0MHz
-
5.8 8.7
Ω
Source-Drain Diode
Forward On Voltage2
VDS
IS=-10A, VGS=0V
-
-
-1.3
V
Reverse Recovery Time2
trr
IS=-10A, VGS=0V,
dI/dt=-100A/µs
-
28
-
ns
Reverse Recovery Charge
Qrr
-
26
-
nC
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse test
3. Surface mounted on 1 in2 copper pad of FR4 board AM9569D
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE
OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT
AUTHORIZED. AXElite DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF
ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS
PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. AXElite RESERVES THE RIGHT TO MAKE CHANGES
WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR
DESIGN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com