Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9569 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM9569
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9569 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM9569 Datasheet HTML 1Page - AXElite technology co. ltd AM9569 Datasheet HTML 2Page - AXElite technology co. ltd AM9569 Datasheet HTML 3Page - AXElite technology co. ltd AM9569 Datasheet HTML 4Page - AXElite technology co. ltd AM9569 Datasheet HTML 5Page - AXElite technology co. ltd AM9569 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Sep.11, 2019
AM9569D
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS @ 10V
ID@TC=25°C
-14
A
Continuous Drain Current, VGS @ 10V
ID@TC=100°C
-8.6
A
Pulsed Drain Current1
IDM
-40
A
Total Power Dissipation
PD@TC=25°C
26
W
Linear Derating Factor
0.21
W/°C
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
THERMAL DATA
Characteristics
Symbol Rating Unit
Maximum Thermal Resistance, Junction-case
Rthj-c
4.8
°C/W
Maximum Thermal Resistance, Junction-ambient (PCB mount)3
Rthj-a
62.5 °C/W
Maximum Thermal Resistance, Junction-ambient
Rthj-a
110 °C/W
ELECTRICAL CHARACTERISTICS
(VCC = 5V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-40 -
-
V
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/ΔTj
Reference to 25°C,
ID=-1mA
- -0.03 -
V/°C
Static Drain-Source
On-Resistance2
RDS(ON)
VGS=-10V, ID=-10A
-
-
90 mΩ
VGS=-4.5V, ID=-6A
130 mΩ
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
-
-3
V
Forward Trans conductance
gfs
VDS=-10V, ID=-10A
-
7
-
S
Drain-Source Leakage Current
IDSS
VDS=-40V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current
(Tj=125°C)
VDS=-32V, VGS=0V
-250 uA
Gate-Source Leakage
IGSS
VGS= +20V, VDS=0V
±100 nA
Total Gate Charge2
Qg
ID=-10A
VDS=-30V
VGS=-4.5V
-
7
12
nC
Gate-Source Charge
Qgs
-
2
-
nC
Gate-Drain ("Miller") Charge
Qgd
-
4
-
nC
Turn-on Delay Time2
td(on)
VDS=-20V
ID=-10A
-
8
-
sn
Rise Time
tr
-
20
-
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com