Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPX4100AS
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100AS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPX4100AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MPX4100
Sensors
2
Freescale Semiconductor
The MPX4100 series piezoresistive transducer is a state-
of-the-art, monolithic, signal conditioned, silicon pressure
sensor. This sensor combines advanced micromachining
techniques, thin film metallization, and bipolar semiconductor
processing to provide an accurate, high level analog output
signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry
integrated on a pressure sensor chip.
Figure 1. Fully Integrated Pressure Sensor Schematic
Table 1. MAXIMUM RATINGS(1)
1. T
C = 25°C unless otherwise noted.
Rating
Symbol
Value
Unit
Overpressure(2) (P1 > P2)
2. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Pmax
400
kPa
Burst Pressure(2) (P1 > P2)
Pburst
1000
kPa
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
TA
-40 to +125
°C
Sensing
Element
GND
VOUT
VS
Pins 4, 5, and 6 are NO CONNECTS
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com