Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX4100AS
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100AS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX4100AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100AS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPX4100
Rev 7, 12/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Integrated Silicon Pressure Sensor
Manifold Absolute Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX4100 series Manifold Absolute Pressure (MAP) sensor for engine
control is designed to sense absolute air pressure within the intake manifold. This
measurement can be used to compute the amount of fuel required for each
cylinder. The small form factor and high reliability of on-chip integration makes
the MAP sensor a logical and economical choice for automotive system
designers.
Features
1.8% Maximum Error Over 0° to 85°C
Specifically Designed for Intake Manifold Absolute Pressure Sensing in
Engine Control Systems
Ideally Suited for Microprocessor Interfacing
Temperature Compensated Over -40°C to +125°C
Durable Epoxy Unibody Element
Ideal for Non-Automotive Applications
Typical Applications
Manifold Sensing for Automotive Systems
ORDERING INFORMATION(1)
1. The MPX4100A series MAP silicon pressure sensors are available in the Basic
Element, or with pressure port fittings that provide mounting ease and barbed hose
connections.
Device Type
Options
Case No.
MPX Series
Order Number
Device
Marking
Basic Element
Absolute, Element
Only
867-08
MPX4100A
MPX4100A
Ported Elements Absolute, Ported
867B-04
MPX4100AP
MPX4100AP
Absolute, Stove Pipe
Port
867E-03
MPX4100AS
MPX4100A
Absolute, Axial Port
867F-03
MPX4100ASX
MPX4100A
MPX4100
SERIES
INTEGRATED
PRESSURE SENSOR
20 TO 105 kPA (2.9 TO 15.2 psi)
0.3 TO 4.9 V OUTPUT
MPX4100A
CASE 867-08
PIN NUMBERS
1
VOUT
4
NC
2
GND
5
NC
3
VS
6
NC
MPX4100AP
CASE 867B-04
MPX4100AS
CASE 867E-03
MPX4100ASX
CASE 867F-03


Similar Part No. - MPX4100AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4100AS MOTOROLA-MPX4100AS Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
logo
NXP Semiconductors
MPX4100AS NXP-MPX4100AS Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
logo
Motorola, Inc
MPX4100ASX MOTOROLA-MPX4100ASX Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
More results

Similar Description - MPX4100AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
INTEGRATED PRESSURE SENSOR
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
INTEGRATED PRESSURE SENSOR
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
INTEGRATED PRESSURE SENSOR
logo
ELMOS Semiconductor AG
E777.01 ELMOS-E777.01 Datasheet
138Kb / 1P
Co-integrated pressure sensor
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
Absolute Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
Integrated, Absolute Pressure Sensor
logo
List of Unclassifed Man...
HDPM01 ETC2-HDPM01 Datasheet
1Mb / 19P
Integrated pressure sensor
logo
TE Connectivity Ltd
MS5525DSO TEC-MS5525DSO Datasheet
1Mb / 22P
Integrated Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com