Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2005 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX2005
Description  3A/2APWM Control LED Driver with internal Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2005 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX2005 Datasheet HTML 1Page - AXElite technology co. ltd AX2005 Datasheet HTML 2Page - AXElite technology co. ltd AX2005 Datasheet HTML 3Page - AXElite technology co. ltd AX2005 Datasheet HTML 4Page - AXElite technology co. ltd AX2005 Datasheet HTML 5Page - AXElite technology co. ltd AX2005 Datasheet HTML 6Page - AXElite technology co. ltd AX2005 Datasheet HTML 7Page - AXElite technology co. ltd AX2005 Datasheet HTML 8Page - AXElite technology co. ltd AX2005 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.24, 2019
AX2005/A
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA = 25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback voltage
VFB
0.190 0.200 0.210 V
Quiescent current
ICCQ VFB=0.5V
force driver off
-
3
6
mA
Feedback bias current
IFB
IOUT=0.1A
-
0.1
0.5
uA
Shutdown supply current
ISD
VEN/SS =0V
-
150 300 uA
Switch current limit
ISW-Limit
AX2005A
2.5
-
-
A
AX2005
3.5
-
-
Operating frequency
FOSC
240 300 360 KHz
Short frequency
FOSC1
-
50
-
KHz
EN/SS pin shutdown logic input
threshold voltage
VENL
-
-
0.8
V
EN/SS Pull high Current
IEN/SS VEN/SS=0V
-
5
-
uA
Internal MOSFET RDSON
RDSON VCC=12V, VFB=0V
-
130 180 mΩ
OVP sense voltage
VOVP
0.833 0.850 0.867 V
Thermal shutdown
TSD
-
150
-
°C
Thermal Shutdown Hysteresis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com