Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2005 Datasheet (PDF) - AXElite technology co. ltd

AX2005 Datasheet PDF - AXElite technology co. ltd
Part # AX2005
Download  AX2005 Download
File Size   511.45 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A/2APWM Control LED Driver with internal Switch

AX2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX2005 Datasheet PDF - AXElite technology co. ltd

Part # AX2005
Download  AX2005 Click to download

File Size   511.45 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3A/2APWM Control LED Driver with internal Switch

AX2005 Datasheet (HTML) - AXElite technology co. ltd


AX2005 Product details

 GENERAL DESCRIPTION
The AX2005/A is a high voltage step down conver ter designed for driving up to 10 series white LEDs from a 40 V system input . The total LED driving current up to 3A (AX2005) / 2A(AX2005A), which is measured through an external cur rent sense resistor. Its low 20mV feedback voltage reduces power loss and improves efficiency. The OVP pin monitors the output voltage and turns off the converter if an over voltage condition is present due to an open circuit condition. The AX2005 includes current limit short circuit protection and thermal shutdown protection preventing damage.
AX2005/A provides high power, high efficiency, and excel lent transient characteristics. The PWM control circuit is able to the duty ratio linearly from 0 up to 100%. Since this converter can accom modate an input voltage up to 40V, it is also suitable for the operation via an AC adapter.

 FEATURES
- Input voltage : 8V to 40V
- Output voltage is up to 38V
- LED Backlight and High Power LED Application
- Duty ratio : 0% to 100% PWM control
- LED driving current :
AX2005: Output current up to 3A
AX2005A: Output current up to 2A
- Enable/Disable function with soft start time control.
- Current Limit (CL), Thermal Shutdown and Short Circuit Protections (SCP).
- Over V oltage Protection (OVP)
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free package.
- RoHS and Halogen free compliance




Similar Part No. - AX2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX200507 ETC2-AX200507 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
AX200508 ETC2-AX200508 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
AX200509 ETC2-AX200509 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
AX200589 ETC2-AX200589 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
More results


Similar Description - AX2005

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
3A LED Driver with Dimming Control
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
2A LED DRIVER with INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Feeling Technology Corp...
FP7151 FEELING-FP7151 Datasheet
384Kb / 13P
700mA LED Driver with Internal Switch
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com