Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012CT Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX2012CT
Description  1.9A Fixed Frequency White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2012CT Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX2012CT Datasheet HTML 1Page - AXElite technology co. ltd AX2012CT Datasheet HTML 2Page - AXElite technology co. ltd AX2012CT Datasheet HTML 3Page - AXElite technology co. ltd AX2012CT Datasheet HTML 4Page - AXElite technology co. ltd AX2012CT Datasheet HTML 5Page - AXElite technology co. ltd AX2012CT Datasheet HTML 6Page - AXElite technology co. ltd AX2012CT Datasheet HTML 7Page - AXElite technology co. ltd AX2012CT Datasheet HTML 8Page - AXElite technology co. ltd AX2012CT Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2012
1.9A Fixed Frequency White LED Driver
GENERAL DESCRIPTION
The AX2012 is a step-up converter designed for driving up to 8 series white LEDs for
backlighting application. The AX2012 uses current mode, 1.2MHZ fixed frequency
architecture to regulate the LED current, which is set through an external current sense
resistor. Its low 300mV feedback voltage reduces power loss and improves efficiency. The
OV pin monitors the output voltage and turns off the converter if an over-voltage condition is
present due to an open circuit condition. The AX2012 includes under-voltage lockout, current
limiting and thermal shutdown protection preventing damage in the event of an output
overload. The driver is available in small 6-pin TSOT-23 and 8-pin TDFN (2mm x 2mm)
packages.
FEATURES
-
2.5V to 5.5 V operating input voltage range
-
Drives up to 8 series White LEDs
-
1.2MHz Fixed Switching Frequency
-
Wide range for PWM dimming (200Hz to 200KHz)
-
Internal 1.9A switching current limit
-
Over Voltage Protection (OVP)
-
Internal Soft-start Function
-
Current limit and Thermal shutdown protection
-
Under voltage Lockout
-
Available in the 6-pin TSOT-23 and 8-pin TDFN Packages
-
RoHS and Halogen free compliance


Similar Part No. - AX2012CT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
AXElite technology co. ...
AX2016 AXELITE-AX2016 Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
AX2016C AXELITE-AX2016C Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
AX2016CA AXELITE-AX2016CA Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
logo
Intel Corporation
AX201D2W INTEL-AX201D2W Datasheet
236Kb / 3P
wifi 6 gig module
More results

Similar Description - AX2012CT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
logo
Monolithic Power System...
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com