Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016C Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX2016C
Description  40V, 1.7A Boost for 10 White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2016C Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX2016C Datasheet HTML 1Page - AXElite technology co. ltd AX2016C Datasheet HTML 2Page - AXElite technology co. ltd AX2016C Datasheet HTML 3Page - AXElite technology co. ltd AX2016C Datasheet HTML 4Page - AXElite technology co. ltd AX2016C Datasheet HTML 5Page - AXElite technology co. ltd AX2016C Datasheet HTML 6Page - AXElite technology co. ltd AX2016C Datasheet HTML 7Page - AXElite technology co. ltd AX2016C Datasheet HTML 8Page - AXElite technology co. ltd AX2016C Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Sep.27, 2019
AX2016
ELECTRICAL CHARACTERUSTICS
(VCC=5V, IOUT = 20mA, TA = 25°C, unless otherwise noted)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage Range
VCC
2.5
-
5.5
V
Step-Up Voltage Range
VOUT
3
-
40
V
OV Sense Voltage
VOV
38
V
Under Voltage Lockout
UVLO Rising
-
2.2 2.4
V
UVLO Hysteresis
-
100
-
mV
Feedback Voltage
VFB
285 300 315 mV
EN Threshold
Logic-High Voltage
VIH
2.0
-
-
V
Logic-Low Voltage
VIL
-
-
0.4
V
EN Hysteresis
-
200
-
mV
Operating Quiescent Current
ICCQ IOUT= 0mA, VFB =0.5V
-
300 500 μA
Shutdown Current
ISD
VEN=0V, tEN > 20ms
-
1
4
μA
N-Channel MOSFET Current Limit
(Note1)
ILIM
Duty=50%
1.7
-
A
MOSFET On-Resistance (Note1)
RDS(on)
-
0.6 1.0
Ω
Maximum Duty Cycle
DMAX
-
88
-
%
Line Regulation
VCC = 3V to 5V
-
1
-
%
Switching Frequency
FOSC
0.75
1
1.25 MHz
Dimming Clock Rate
FDIM
0.2
-
200 KHz
FB Input Leakage Current
IFB-LKG VFB = 0.5V
-
0.01 100 nA
SW Leakage Current
ISWL
VLX = 30V, VFB =0.5V
-
-
1
µA
EN Input Leakage Current
IEN-LKG1 VEN= VCC
-
1.5
3
μA
IEN-LKG2 VEN= GND
-
-
1
μA
Shutdown Delay
TSHDN
-
10
-
mS
Thermal Shutdown
TSD
-
160
-
°C
Thermal Shutdown Hysteresis
TSH
-
30
-
N
ote1: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com