Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016C Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX2016C
Description  40V, 1.7A Boost for 10 White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2016C Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX2016C Datasheet HTML 3Page - AXElite technology co. ltd AX2016C Datasheet HTML 4Page - AXElite technology co. ltd AX2016C Datasheet HTML 5Page - AXElite technology co. ltd AX2016C Datasheet HTML 6Page - AXElite technology co. ltd AX2016C Datasheet HTML 7Page - AXElite technology co. ltd AX2016C Datasheet HTML 8Page - AXElite technology co. ltd AX2016C Datasheet HTML 9Page - AXElite technology co. ltd AX2016C Datasheet HTML 10Page - AXElite technology co. ltd AX2016C Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Sep.27, 2019
AX2016
TYPICAL CHARACTERISTICS
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Output Voltage vs. Output Current
Quiescent Current vs. Input Voltage
Frequency vs. Input Voltage
Frequency vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com