Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2150
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2150 Datasheet HTML 1Page - STMicroelectronics STPS2150 Datasheet HTML 2Page - STMicroelectronics STPS2150 Datasheet HTML 3Page - STMicroelectronics STPS2150 Datasheet HTML 4Page - STMicroelectronics STPS2150 Datasheet HTML 5Page - STMicroelectronics STPS2150 Datasheet HTML 6Page - STMicroelectronics STPS2150 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2006
Rev 5
1/7
7
STPS2150
Power Schottky rectifier
Main product characteristics
Description
150 V Power Schottky rectifier are suited for
switch mode power supplies on up to 24 V rails
and high frequency converters.
Packaged in SMA and Axial, this device is
intended for use in consumer and computer
applications like TV, STB, PC and DVD where low
drop forward voltage is required to reduce power
dissipation.
Order Codes
Features and benefits
Negligible switching losses
Low forward voltage drop for higher efficiency
and extented battery life
Low thermal resistance
Surface mount miniature package
Avalanche capability specified
IF(AV)
2 A
VRRM
150 V
Tj (max)
175° C
VF(max)
0.67 V
Part Number
Marking
STPS2150A
2150
STPS2150
STPS2150
STPS2150RL
STPS2150
SMA
(JEDEC DO-214AC)
STPS2150A
DO-15
STPS2150
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
RMS forward voltage
15
A
IF(AV)
Average forward current
SMA
TL = 145° C δ = 0.5
2
A
DO-15
TL = 130° C δ = 0.5
IFSM
Surge non repetitive forward
current
SMA
tp = 10 ms sinusoidal
75
A
DO-15
150
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
2400
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature(1)
1.
thermal runaway condition for a diode on its own heatsink
175
° C
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
>
www.st.com


Similar Part No. - STPS2150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2150 STMICROELECTRONICS-STPS2150 Datasheet
68Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 4
STPS2150 STMICROELECTRONICS-STPS2150 Datasheet
350Kb / 13P
150 V, 2 A power Schottky rectifier
25-Sep-2019
STPS2150A STMICROELECTRONICS-STPS2150A Datasheet
68Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 4
STPS2150A STMICROELECTRONICS-STPS2150A Datasheet
350Kb / 13P
150 V, 2 A power Schottky rectifier
25-Sep-2019
STPS2150AFN STMICROELECTRONICS-STPS2150AFN Datasheet
350Kb / 13P
150 V, 2 A power Schottky rectifier
25-Sep-2019
More results

Similar Description - STPS2150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com