Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8558 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S8558
Description  Surface mountable 16-element photodiode array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8558 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S8558 Datasheet HTML 1Page - Hamamatsu Corporation S8558 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S8558 is a 16-element Si PIN photodiode array in a ceramic chip carrier package suitable for surface mount using solder reflow techniques.
S8558 can be used in a wide range of applications including spectrophotometer and position detection.
Features
l Active area: 0.7 × 2.0 mm (× 16 elements)
l Ceramic chip carrier package for surface mount
l Suitable for solder reflow
l High sensitivity
Applications
l Spectrophotometers
l Position detection
PHOTODIODE
Si PIN photodiode array
Surface mountable 16-element photodiode array
S8558
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max.30
V
Operating temperature
Topr
-40 to +100
°C
Storage temperature
Tstg
-40 to +125
°C
s Electrical and optical characteristics (Ta=25
°C, per 1 element)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
320 to 1100
-
nm
Peak sensitivity wavelength
λp
-
960
-
nm
λ=660 nm
-0.45
-A/W
λ=780 nm
-0.57
-A/W
λ=830 nm
-0.62
-A/W
Photo sensitivity
S
λ=λp
-0.72
-A/W
Short circuit current
Isc
100 lx
-
1.0
-
µA
Dark current
ID
VR=10 V
-
0.05
1.0
nA
Temperature coefficient of ID
TCID
-
1.15
-
times/
°C
Cut-off frequency
fc
VR=10 V, RL=50
Ω
λ=830 nm, -3 dB
-25
-
MHz
Terminal capacitance
Ct
VR=10 V, f=1 MHz
-
5
10
pF
Noise equivalent power
NEP
VR=10 V,
λ=λp
-
5.6 × 10
-15
-W/Hz
1/2
1


Similar Part No. - S8558

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S8558

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4675 HAMAMATSU-C4675 Datasheet
127Kb / 4P
16 x 16 element photodiode array detector
logo
OPTEK Technologies
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
Six Element Photodiode Array in
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
logo
Silonex Inc.
SLDA-61S10-XX SILONEX-SLDA-61S10-XX Datasheet
22Kb / 1P
Multi-element Photodiode Array
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
Driver circuit for 16-element photodiode array
S4111 HAMAMATSU-S4111 Datasheet
138Kb / 4P
Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
16-element Si photodiode array
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
16-element Si photodiode arrays
logo
TT Electronics.
OPR2100 TTELEC-OPR2100 Datasheet
527Kb / 2P
Six-Element SMD Photodiode Array
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG_18 Datasheet
935Kb / 4P
Photodiode 16 Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com