Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP2C2R2MR Datasheet(PDF) 3 Page - DB Lectro Inc

Part # KP2C2R2MR
Description  CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KP2C2R2MR Datasheet(HTML) 3 Page - DB Lectro Inc

  KP2C2R2MR Datasheet HTML 1Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 2Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 3Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 4Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 5Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 6Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 7Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 8Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EXPLANATION OF PART NUMBERS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
(17, 18)
Lead Shape
Code
Standard
00
Not standard
01
Length after cut is 3mm
30
Length after cut is 4.5mm
45
Length after cut is 5mm
50
Length after cut is 7.5mm
75
Length after cut is 10mm
1A
(15)
Sleeve
Code
PVC sleeve (White printing)
W
PVC sleeve (Black printing)
B
PVC sleeve (Golden printing)
G
PVC sleeve (Silver printing)
A
PET sleeve (Green colour
white printing)
1
PET sleeve (Purple colour
white printing)
2
PET sleeve (Yellow colour
black printing)
3
(16)
Rubber
Code
Plane
P
Convexity
T
(1, 2)
Series
CS
CK
SC
CN
KP
LZ
KZ
FZ
EL
KL
KH
HU
RA
RN
RT
RK
RM
RS
LA
LK
LM
LS
NP
NK
NM
NS
BP
TM
TN
SM
SK
(3, 4)
Vol.
(WV)
Code
20D
40G
6.3
0J
10
1A
16
1C
25
1E
35
1V
40
1G
50
1H
63
1J
100
2A
160
2C
200
2D
250
2E
315
2F
330
2U
350
2V
400
2G
450
2W
(5~7)
Cap.
( F)
Code
0.1
0R1
0.22
R22
0.33
R33
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
33
330
47
470
100
101
220
221
330
331
470
471
1000
102
2200
222
3300
332
4700
472
10000
103
22000
223
(8)
Tol.
(%)
Code
+10
-10
K
+15
-15
L
+20
-20
M
(10)
Type
Code
Chip
C
Radial
R
Radial Taping
T
Snap-in
S
(12)
Dia.
( )
Code
3S
4C
5D
6.3
E
8F
10
G
12
H
12.5
I
13
J
13.5
V
14.5
A
16
K
18
L
20
M
22
N
25
O
30
P
35
Q
40
R
(13, 14)
Length
(mm)
Code
505
5.4
54
5.8
58
707
7.7
77
909
10.5
10
11
11
12
12
14
14
16
16
20
20
21
21
25
25
26
26
31
31
35
35
36
36
40
40
46
46
(11)
Type
Descriptions
Code
Chip
Taping & Reel
R
Bulk
B
Taping (Forming)
A
Taping (Straight)
S
Lead Cut
C
Lead Forming Cut
F
Lead Forming Only
M
Kinked Forming Cut
K
Kinked Straight Cut
Y
Snap-
in
Lead Snap-in
W
Series
Voltage (WV)
Capacitance ( F)
Cap.
Tol.(%)
Type
Lead
Process
Dia.( )
Length (mm)
Sleeve
Rubber
Lead Shape
Chip Type
Dash
_
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com