Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP2C2R2MR Datasheet(PDF) 4 Page - DB Lectro Inc

Part # KP2C2R2MR
Description  CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KP2C2R2MR Datasheet(HTML) 4 Page - DB Lectro Inc

  KP2C2R2MR Datasheet HTML 1Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 2Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 3Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 4Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 5Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 6Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 7Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 8Page - DB Lectro Inc KP2C2R2MR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com