Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 21 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM69 Datasheet HTML 17Page - Texas Instruments AM69 Datasheet HTML 18Page - Texas Instruments AM69 Datasheet HTML 19Page - Texas Instruments AM69 Datasheet HTML 20Page - Texas Instruments AM69 Datasheet HTML 21Page - Texas Instruments AM69 Datasheet HTML 22Page - Texas Instruments AM69 Datasheet HTML 23Page - Texas Instruments AM69 Datasheet HTML 24Page - Texas Instruments AM69 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
AF2
AD5
DDR0_DQ16
DDR0_DQ16
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AE7
AC3
DDR0_DQ17
DDR0_DQ17
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AG3
AE3
DDR0_DQ18
DDR0_DQ18
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AF5
AB2
DDR0_DQ19
DDR0_DQ19
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AE6
AC4
DDR0_DQ20
DDR0_DQ20
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AF4
AD2
DDR0_DQ21
DDR0_DQ21
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AE3
AC6
DDR0_DQ22
DDR0_DQ22
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AE4
AD4
DDR0_DQ23
DDR0_DQ23
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AG5
AG4
DDR0_DQ24
DDR0_DQ24
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AH3
AG2
DDR0_DQ25
DDR0_DQ25
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AJ2
AF3
DDR0_DQ26
DDR0_DQ26
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
AH4
AE5
DDR0_DQ27
DDR0_DQ27
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C0
DDR
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com