Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments AM69 Datasheet HTML 61Page - Texas Instruments AM69 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
C32
E11
MCU_OSPI0_CSn3
PADCFG:
WKUP_PADCONFIG_15
0x4301C03C
MCU_OSPI0_CSn3
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
MCU_HYPERBUS0_WPn
3
O
MCU_OSPI0_RESET_OUT1
5
O
MCU_OSPI0_ECC_FAIL
6
I
WKUP_GPIO0_30
7
IO
B33
E10
MCU_OSPI0_D0
PADCFG:
WKUP_PADCONFIG_3
0x4301C00C
MCU_OSPI0_D0
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ0
1
IO
WKUP_GPIO0_19
7
IO
BOOTMODE00
BOOTS
TRAP
I
B32
F9
MCU_OSPI0_D1
PADCFG:
WKUP_PADCONFIG_4
0x4301C010
MCU_OSPI0_D1
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ1
1
IO
WKUP_GPIO0_20
7
IO
BOOTMODE01
BOOTS
TRAP
I
C33
E9
MCU_OSPI0_D2
PADCFG:
WKUP_PADCONFIG_5
0x4301C014
MCU_OSPI0_D2
0
IO
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ2
1
IO
WKUP_GPIO0_21
7
IO
C35
D11
MCU_OSPI0_D3
PADCFG:
WKUP_PADCONFIG_6
0x4301C018
MCU_OSPI0_D3
0
IO
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ3
1
IO
WKUP_GPIO0_22
7
IO
D33
D9
MCU_OSPI0_D4
PADCFG:
WKUP_PADCONFIG_7
0x4301C01C
MCU_OSPI0_D4
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ4
1
IO
WKUP_GPIO0_23
7
IO
BOOTMODE02
BOOTS
TRAP
I
D34
C9
MCU_OSPI0_D5
PADCFG:
WKUP_PADCONFIG_8
0x4301C020
MCU_OSPI0_D5
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ5
1
IO
WKUP_GPIO0_24
7
IO
BOOTMODE03
BOOTS
TRAP
I
E34
C7
MCU_OSPI0_D6
PADCFG:
WKUP_PADCONFIG_9
0x4301C024
MCU_OSPI0_D6
0
IO
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ6
1
IO
WKUP_GPIO0_25
7
IO
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
58
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com