Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51017-0832-R2-4 Datasheet(PDF) 3 Page - Kontron

Part # 51017-0832-R2-4
Description  Latest Generation Intel Atom®, Pentium® and Celeron® Processor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51017-0832-R2-4 Datasheet(HTML) 3 Page - Kontron

  51017-0832-R2-4 Datasheet HTML 1Page - Kontron 51017-0832-R2-4 Datasheet HTML 2Page - Kontron 51017-0832-R2-4 Datasheet HTML 3Page - Kontron 51017-0832-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
3
www.kontron.com
SMARC-sXEL (E2)
CPU Variants
BRAND
PROCESSOR
NUMBER
TDP
CORES THREADS CACHE
BASE
FREQ
MAX
TURBO
FREQ
GRAPHICS
GEN 11
ECC
PREMIUM IO
FUNC-
TIONAL
SAFETY
CERTIFIED
USE
CONDI-
TION
Intel®
Celeron®
Processor
J6413
10 W 4
4
1.5 MByte 1.8 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel®
Pentium®
Processor
J6426
10 W 4
4
1.5 MByte 1.8 GHz
3.0 GHz 32 EU
no
Intel® PSE
no
PC Client
Intel®
Celeron®
Processor
N6211
6 W
2
2
1.5 MByte 1.2 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel®
Pentium®
Processor
N6415
6 W
4
4
1.5 MByte 1.2 GHz
3.0 GHz 16 EU
no
Intel® PSE
no
PC Client
Intel Atom®
processor
x6211E
6 W
2
2
1.5 MByte 1.2 GHz
3.0 GHz 16 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6413E
9 W
4
4
1.5 MByte 1.5 GHz
3.0 GHz 16 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6425E
12 W 4
4
1.5 MByte 1.8 GHz
3.0 GHz 32 EU
Yes–
In Band
Intel® PSE
no
Embedded
Intel Atom®
processor
x6212RE
6 W
2
2
1.5 MByte 1.2 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6414RE
9 W
4
4
1.5 MByte 1.5 GHz
n/a
16 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Intel Atom®
processor
x6425RE
12 W 4
4
1.5 MByte 1.9 GHz
n/a
32 EU
Yes–
In Band
Intel® PSE,
Intel® TCC
no
Industrial
Block Diagram
SER0
CAN
GI1
ETH1
GI0
ETH0
LVDS
DP
DP++
(DDI1)
SPI 1
I2S
eDP/MIPI-DSI
PwrCtrl
SysMgmt
SER1
SER3
SDIO
eSPI
SPI 0
HDMI
(DDI0)
PCIe #0-3
#3 optional
SGMII
SATA0
HDA
Intel® Atom™Embedded Elkhard-Lake
(Intel® Atom™Industrial Elkhard-Lake)
Intel® Celeron® Elkhard-Lake
Connector
Option
Standard
component
HWM
USB
#0-#1
#3-#5
(USB 2.0)
PWM
FAN1
I2C
SMB
LID
Sleep
14x GPIO
Embedded Controller
(CPLD EPM1270 or newer
generation)
HWM
CPU FAN0
Power sequencing
Watchdog
eSPI2I2C
I2C
EEPROM
USB 3.0
Host and
OTG (#3)
Intel
Gen11
iGFX
USB 2.0
Host
SPI
BIOS Flash
GPIO
UART
Ctrl
Mgmt
I2C
GPIO Buffer
SMARC 2.1 pinout connector
UART
eDP2LVDS
USB #2-3
(USB 3.0)
LPDDR4-4267 memory down (up to
16GB – IB-ECC)
Level-
shifter
TPM
2.0
Opt. SGMII
on PCIe #3
+ MDIO
PHY
PHY
eMMC
eMMC(5.1)
4-64GB
TPM 2.0
(SLB9670)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com