Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51017-0832-R2-4 Datasheet(PDF) 2 Page - Kontron

Part # 51017-0832-R2-4
Description  Latest Generation Intel Atom®, Pentium® and Celeron® Processor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51017-0832-R2-4 Datasheet(HTML) 2 Page - Kontron

  51017-0832-R2-4 Datasheet HTML 1Page - Kontron 51017-0832-R2-4 Datasheet HTML 2Page - Kontron 51017-0832-R2-4 Datasheet HTML 3Page - Kontron 51017-0832-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
SMARC-sXEL (E2)
Technical Information
COMPLIANCE
SMARC module 2.1
DIMENSIONS (H X W X D)
82 x 50 mm
CPU
Intel Atom®/ Pentium®/ Celeron® series
For details see table (CPU Variants) given below
CHIPSET
-
MAIN MEMORY
Up to 16 GByte LPDDR4 memory down with inband ECC support
GRAPHICS CONTROLLER
Intel® UHD Gfx Gen11
ETHERNET
Up to 3x 1 Gbit LAN (2x GBE0/1 and 1x optional SGMII via SERDES)
STORAGE
1x SATA 6 Gb/s
FLASH ONBOARD
up to 128 GByte eMMC (MLC)
PCI EXPRESS®
up to 4x PCIe x1
PANEL SIGNAL
1x HDMI (on request DP), 1x DP++, 1x LVDS dual channel (on request eDP)
USB
2x USB 3.0 (incl. USB 2.0) + 4x USB 2.0, alternatively USB #3 as OTG
SERIAL
3x serial interfaces (2x RX /TX only)
OTHERS FEATURES
HD Audio and I2S, 5x I2C, 2x SPI, 14x GPIOs
SPECIAL FEATURES
Trusted Platform Module TPM 2.0
Industrial Temperature Grade versions
FEATURES ON REQUEST
4x PCI vs 3x PCIe | 1x SERDES
eMMC: up to 64 GByte pSLC
RAM: from 2 GByte to 16 GByte LPDDR4
BIOS
AMI Aptio V
OPERATING SYSTEM
Windows® 10, Enterprise, Windows® 10 IoT, Linux
POWER SUPPLY
3.3 V to 5.25 V wide-range input (5 V recommended)
TEMPERATURE
SMARC-sXEL: Commercial temperature: 0 °C to +60 °C operating, -30 °C to +85 °C non-operating
SMARC-sXEL E2: Industrial temperature: -40 °C to +85 °C operating, -40 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com