Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 3 Page - Kontron

Part # F5000-R006
Description  Industrial chassis for enhanced operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 3 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
// 3
GLOBAL HEADQUARTERS
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
Fax: + 49 821 4086-111
info@kontron.com
www.kontron.com
ARTICLE
PART NO.
DESCRIPTION
CHASSIS KIT SOLUTION
F5000-J003
10 pcs
ACCESSORIES
ADDITIONAL SERIAL PORT
CABLE
F5000-K005
for D343x-S
ADDITIONAL SERIAL PORT
CABLE
F5000-K010
for D363x-S
PCIe RISER CARD D3318
F5000-R006
4 PCIe Lanes
MINI-PCIE TO M.2 ADAPTER
F5000-M003
For M.2 WLAN (2230, Key-E)
INTERNAL PSU MODULE
F5000-P004
12 V Internal PSU
RECOMMENDED AC ADAPTER
FSP GROUP INC.
FSP060-DIBAN2
12 V/60 W
RECOMMENDED AC ADAPTER
BICKER
BET-0612M
12 V/60 W (medical)
RECOMMENDED AC ADAPTER
BICKER
BET-0612-B5
12 V/60 W (industrial)
SLIM HEATSINK
F5000-C011
Active cooler, 35 W TDP
ORDERING INFORMATION
CHASSIS REAR VIEW
DisplayPort and USB-Ports
with removable cover.
12 V DC Input,
lockable
optional (RP-) SMA
antenna connector
with removable cover
(Ø 7,2 mm)
Kensington Lock
COM2 connector with
removable cover



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com