Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # F5000-R006
Description  Industrial chassis for enhanced operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 2 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
// 2
www.kontron.com
TECHNICAL INFORMATION
CHASSIS DATA
DIMENSIONS
COLOUR
WEIGHT
250 x 52 x 191 mm (W x H x D)
black
~ 1 kg
SUPPORTED MOTHERBOARDS
D3433-S
D3434-S
D3633-S
D3634-S
Processors up to 35W TDP
ENVIRONMENTAL CONDITIONS
OPERATING TEMPERATURE
HUMIDITY
0 °C – 45 °C*
5 % - 85 % relative humidity (non-condensing)
CHASSIS FAN SPECIFICATION
MTBF
OPERATING TEMPERATURE
70.000 hours @ 40 °C
-10 °C – 70 °C
PWM (4 pin), 40 x 40 x 10mm
1750 – 5.500 rpm (nominal)/
900 - 5.000 rpm (nominal, from chassis revision 03)
Two ball bearing
RECOMMENDED
COOLING SOLUTIONS
Kontron
EKL
HSM Zamecki
SilverStone
F5000-C011
21910021016
HSM# 104101
SST-NT07-115X
REQUIREMENTS FOR
AC ADAPTER
DC OUTPUT
DC OUTPUT PLUG
OPTIONAL
12 V +/-5 %
5,5 x 2,5 x 12 mm
Lockable DC Output Plug (optional)
Important Note:
Compliance with IEC 62368-1 according clause 6.2.2. to power source
category PS2 (“Limited Power Source”) required!
LOCKABLE DC INPUT JACK
MODEL ONBOARD
DC INPUT POWER
Switchcraft L712RA or compatible
12 V +/-5 % max. 60 W
APPROVALS & CERTIFICATIONS
EMC
CE Class B, Industrial Immunity (EN 61000-6-2), FCC Class B (verified)
PACKAGE CONTENT
Chassis bottom/top incl. front bezel; I/O with integrated EMI gasket
DC input connector with EMC filter and internal cabling
HDD carrier incl. 4 pin PWM fan
Riser card holder incl. power button / power LED and intrusion switch
HDD SATA cable for one drive
SATA power cable
Wall mount metal brackets
Motherboard mounting screws
Chassis desk stand (horizontal/vertical, removable)
CHASSIS FEATURES
THEFT PROTECTION
MOUNTING OPTIONS
Kensington lock support
Mechanical lock for DC-In connector
Intrusion Support
2.5” Drive
WLAN antenna via (RP-)SMA connector
PCIe riser (PCIe x4, low profile)
Additional serial port
*Chassis ambient temperature
Integrated HDD /
system fan
Aperture for additional serial port
and WLAN (RP-) SMA connector
(Ø 7.2 mm)
Mounting space for 2.5” Drive
or internal 12V PSU module
Integrated EMI gasket
Riser card holder with integrated
power button (illuminated), chassis
intrusion switch and dual front
USB 3.1 gen1 connectors
DC-In Filter Board



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com