Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4213 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4213
Description  Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4213 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4213 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4213 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4213 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4213 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4213 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4213
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4213
For Muting and Switching Applications
• High emitter-base voltage: VEBO = 25 V (min)
• High reverse hFE: Reverse hFE = 150 (typ.) (VCE = −2 V, IC = −4 mA)
• Low on resistance: RON = 1 Ω (typ.) (IB = 5 mA)
• High DC current gain: hFE = 200~1200
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
25
V
Collector current
IC
300
mA
Base current
IB
60
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC4213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4213 TOSHIBA-2SC4213 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHIG APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4213 KEXIN-2SC4213 Datasheet
51Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC4213 TOSHIBA-2SC4213 Datasheet
281Kb / 5P
For Muting and Switching Applications
2SC4213 TOSHIBA-2SC4213 Datasheet
281Kb / 5P
For Muting and Switching Applications
2SC4213-B TOSHIBA-2SC4213-B Datasheet
281Kb / 5P
For Muting and Switching Applications
More results

Similar Description - 2SC4213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC3327 TOSHIBA-2SC3327 Datasheet
179Kb / 3P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
HN1C03F TOSHIBA-HN1C03F Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
HN1C03FU TOSHIBA-HN1C03FU Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC2878 TOSHIBA-2SC2878_07 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
2SC3112 TOSHIBA-2SC3112_07 Datasheet
459Kb / 4P
Silicon NPN Epitaxial Type (PCT process) For Audio Amplifier and Switching Applications
2SC3326 TOSHIBA-2SC3326_07 Datasheet
512Kb / 5P
Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
HN1C03F TOSHIBA-HN1C03F_07 Datasheet
307Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) For Muting And Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com