Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4682 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4682
Description  Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4682 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4682 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4682
2006-11-10
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC4682
Strobe Flash Applications
Medium Power Amplifier Applications
• Excellent hFE linearity: hFE (1) = 800 to 3200 (VCE = 1 V, IC = 0.5 A)
: hFE (2) = 500 (typ.) (VCE = 1 V, IC = 3 A)
• Low saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 3 A, IB = 30 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
VCES
30
Collector-emitter voltage
V (BR) CEO
15
V
Emitter-base voltage
VEBO
6
V
DC
IC
3
Collector current
Pulse
ICP
6
A
Base current
IB
0.8
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC4682

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4682 TOSHIBA-2SC4682 Datasheet
139Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC4682

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
2SC3279 TOSHIBA-2SC3279_07 Datasheet
335Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications
2SC3420 TOSHIBA-2SC3420_06 Datasheet
124Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com