Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4682 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4682
Description  Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4682 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4682 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4682 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4682
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (°C)
PC – Ta
Safe Operating Area
Collector-emitter voltage VCE (V)
Tc = 100°C
Common emitter
IC/IB = 200
10
0.1
0.3
1
3
−25
0.03
25
0.03
0.1
1
10
3
0.3
0.01
0.01
0
1.0
0.2
0.4
0
120
240
80
40
160
200
0.6
0.8
Common emitter
VCE = 1 V
100
1000
10000
0.1
1
10
−25
25
Tc = 100°C
0.01
0
0
Common emitter
Ta = 25°C
6
6
8
10
3 m
1 m
5 m
4 m
2 m
IB = 100 μA
500 μ
4
2
1
2
3
4
5
25
Common emitter
VCE = 1 V
0
8
2
4
6
0
0.6
0.8
1.4
0.4
0.2
Tc = 100°C
−25
1.0
1.2
IC max (pulsed)*
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
0.1
0.3 0.5
1
10
0.01
0.05
0.1
0.03
0.5
3
5
30
0.3
3
1
5
10
100 ms*
10 ms*
1 ms*
IC max (continuous)
DC operation
Ta = 25°C
VCEO max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com