Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5376F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5376F
Description  Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5376F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5376F Datasheet HTML 1Page - Toshiba Semiconductor 2SC5376F Datasheet HTML 2Page - Toshiba Semiconductor 2SC5376F Datasheet HTML 3Page - Toshiba Semiconductor 2SC5376F Datasheet HTML 4Page - Toshiba Semiconductor 2SC5376F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5376F
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5376F
Audio Frequency General Purpose Amplifier Applications
For Muting and Switching Applications
• Low Collector Saturation Voltage: VCE (sat) (1) = 15 mV (typ.)
@IC = 10 mA/IB = 0.5 mA
• High Collector Current: IC = 400 mA (max)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
400
mA
Base current
IB
50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Equivalent Circuit (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2HA1A
F A
Type Name
hFE Classification


Similar Part No. - 2SC5376F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5376F TOSHIBA-2SC5376F Datasheet
110Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SC5376FV TOSHIBA-2SC5376FV Datasheet
158Kb / 5P
Audio Frequency General Purpose Amplifier Applications
2SC5376FV TOSHIBA-2SC5376FV Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SC5376FV-A TOSHIBA-2SC5376FV-A Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
More results

Similar Description - 2SC5376F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
2SC4738F TOSHIBA-2SC4738F Datasheet
149Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
27-Nov-1997
2SC4944 TOSHIBA-2SC4944 Datasheet
158Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B01F TOSHIBA-HN1B01F Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B04FU TOSHIBA-HN1B04FU Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01F TOSHIBA-HN1C01F Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01FU TOSHIBA-HN1C01FU Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN2C01FU TOSHIBA-HN2C01FU Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC5376 TOSHIBA-2SC5376_07 Datasheet
436Kb / 5P
Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com