Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5906 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5906
Description  Silicon NPN Epitaxial Type High-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5906 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5906 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5906
2006-11-13
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5906
High-Speed Switching Applications
DC-DC Converter Applications
Strobe Applications
• High DC current gain: hFE = 200 to 500 (IC = 0.5 A)
• Low collector-emitter saturation voltage: VCE (sat) = 0.2 V (max)
• High-speed switching: tf = 25 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEX
50
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
7
V
DC
IC
4
Collector current
Pulse
ICP
7
A
Base current
IB
0.4
A
DC
0.8
Collector power
dissipation
t
= 10 s
PC (Note 1)
1.25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3S1A
Weight: 0.01 g (typ.)


Similar Part No. - 2SC5906

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5906 TOSHIBA-2SC5906 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5906

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
2SC4667 TOSHIBA-2SC4667 Datasheet
172Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
2SC3225 TOSHIBA-2SC3225_06 Datasheet
130Kb / 5P
Silicon NPN Epitaxial Type Switching Applications
2SC3437 TOSHIBA-2SC3437_07 Datasheet
391Kb / 5P
Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
2SC5703 TOSHIBA-2SC5703_06 Datasheet
137Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5713 TOSHIBA-2SC5713_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5784 TOSHIBA-2SC5784_06 Datasheet
138Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5886 TOSHIBA-2SC5886_06 Datasheet
141Kb / 5P
Silicon NPN Epitaxial Type High-Speed Swtching Applications
HN1D01F TOSHIBA-HN1D01F_07 Datasheet
231Kb / 4P
Silicon Epitaxial Planar Type Ultra-High-Speed Switching Applications
1SS420 TOSHIBA-1SS420_05 Datasheet
128Kb / 3P
Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com