Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5906 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5906
Description  Silicon NPN Epitaxial Type High-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5906 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5906 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5906 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5906
2006-11-13
3
25
0
1
2
4
6
Common emitter
VCE = 2 V
Ta
= 100°C
−55
1.6
1.2
0.8
0.4
0
3
5
7
Ta
= −55°C
100
0.01
0.001
0.1
1
10
0.01
0.1
10
1
0.003
0.03
0.3
3
0.03
0.3
3
30
Common emitter
IC/IB = 30
25
10
8
6
4
IB = 2mA
Common emitter
Ta
= 25°C
0
0
6
4
2
2
4
6
8
1
3
5
12
16
20
IC – VCE
hFE − IC
VCE (sat) − IC
VBE (sat) − IC
IC – VBE
Ta
= −55°C
25
100
10
0.001
100
1000
10000
0.01
0.1
10
1
0.003
0.03
0.3
3
30
300
3000
30000
Common emitter
VCE = 2 V
Ta
= −55°C
25
100
0.001
0.001
0.01
0.1
1
0.01
0.1
10
1
0.003
0.03
0.3
3
0.003
0.03
0.3
3
Common emitter
IC/IB = 30
Collector-emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Base-emitter voltage VBE (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com