Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2240 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2240
Description  Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2240 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2240 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2240
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2240
Low Noise Audio Amplifier Applications
The 2SC2240 is a transistor for low frequency and low noise
applications. This device is designed to lower noise figure in the region of
low signal source impedance, and to lower the pulse noise. This is
recommended for the first stages of Equalizer amplifiers.
• Low noise: NF = 4dB (typ.) RG = 100 Ω, VCE = 6 V, IC = 100 μA,
f = 1 kHz
: NF = 0.5dB (typ.) RG = 1 kΩ, VCE = 6 V, IC = 100 μA,
f = 1 kHz
• Low pulse noise: Low 1/f noise
• High DC current gain: hFE = 200~700
• High breakdown voltage: VCEO = 120 V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2240 TOSHIBA-2SC2240 Datasheet
226Kb / 3P
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SC2240 TOSHIBA-2SC2240 Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
logo
Foshan Blue Rocket Elec...
2SC2240 FOSHAN-2SC2240 Datasheet
752Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Nanjing International G...
2SC2240 DGNJDZ-2SC2240 Datasheet
1Mb / 6P
T0-92 Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
More results

Similar Description - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com