Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2240 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2240
Description  Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2240 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2240 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2240 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2240
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 120 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
120
⎯
⎯
V
DC current gain
hFE
(Note)
VCE = 6 V, IC = 2 mA
200
⎯
700
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
⎯
⎯
0.3
V
Base-emitter voltage
VBE
VCE = 6 V, IC = 2 mA
⎯
0.65
⎯
V
Transition frequency
fT
VCE = 6 V, IC = 1 mA
⎯
100
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
3.0
⎯
pF
VCE = 6 V, IC = 0.1 mA, f = 10 Hz,
RG = 10 kΩ
⎯
⎯
6
VCE = 6 V, IC = 0.1 mA, f = 1 kHz,
RG = 10 kΩ
⎯
⎯
2
Noise figure
NF
VCE = 6 V, IC = 0.1 mA, f = 1 kHz,
RG = 100 Ω
⎯
4
⎯
dB
Note: hFE classification GR: 200~400, BL: 350~700



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com