Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC2383
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2383 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC2383 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2383
2006-11-09
4
Collector-base voltage VCB (V)
Cob – VCB
Collector current IC (mA)
Collector-emitter voltage VCE (V)
Safe Operating Area
fT – IC
500
10
100
30
50
3
10
30
Common emitter
Ta = 25°C
VCE = 5 V
2
100
300
300
3
1
10
30
100
30
2
5
10
100
50
Common emitter
f = 1 MHz
Ta = 25°C
3
10
30
3
0.5
0.005
0.1
0.3
300
1
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly
with increase in temperature.
VCEO max
IC max (pulsed)*
1 ms*
100 ms*
IC max = 1 A
DC operation Ta = 25°C
10 ms*
0.03
0.01
0.05
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com