Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2383
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2383 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2383 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2383 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2383
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
hFE – IC
VCE (sat) – IC
30
10
100
300
500
100
10
30
50
1000
300
Common emitter
Ta = 25°C
VCE = 2 V
5
10
1.0
0
0
0.6
0.4
0.2
0.2
0.4
0.6
Common emitter
IC/IB = 10
Ta = 100°C
0.8
0
25
1.0
1.2
1.4
0.8
10
5
30
100
300
0.5
0.1
0.01
0.03
0.05
1000
0.3
Common emitter
IC/IB = 10
Ta = 100°C
25
0
30
10
100
300
500
100
10
30
50
1000
300
Common emitter
VCE = 10 V
VCE = 5 V
Ta = 100°C
25
0
1.0
0
0
0.6
0.4
0.2
4
8
12
Common emitter
Ta = 25°C
10
6
IB = 0.5 mA
15
16
4
3
2.5
20
24
28
0.8
2
1.5
1
0
10
5
30
100
300
0.5
0.1
0.01
0.03
0.05
1000
0.3
Common emitter
Ta = 25°C
IC/IB = 10
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com