Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS413 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS413
Description  High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS413 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS413 Datasheet HTML 1Page - Toshiba Semiconductor 1SS413 Datasheet HTML 2Page - Toshiba Semiconductor 1SS413 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS413
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS413
High Speed Switching Application
•
Low forward voltage
: VF (3) = 0.50V (typ.)
•
Low reverse current
: IR= 0.5μA (max)
•
Small total capacitance
: CT = 3.9pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
100
mA
Average forward current
IO
50
mA
Surge current (10ms)
IFSM
1
A
Power dissipation
P *
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*
Mounted on a glass epoxy circuit board of 20 × 20 mm,
pad dimension of 4 × 4 mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.33
―
VF (2)
―
IF = 5mA
―
0.38
―
Forward voltage
VF (3)
―
IF = 50mA
―
0.50
0.55
V
Reverse current
IR
―
VR = 20V
―
―
0.5
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
3.9
―
pF
Equivalent Circuit (Top View)
Marking
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight:0.0006g(typ.)
Unit: mm
Y
0.1±0.05
0.48
+0.02
-0.03
A
0.07 M A
0.6±0.05
0.2
±0.05
fSC


Similar Part No. - 1SS413

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS413 SEMTECH_ELEC-1SS413 Datasheet
134Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS413CT TOSHIBA-1SS413CT Datasheet
178Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
1SS413 TOSHIBA-1SS413_14 Datasheet
188Kb / 7P
Schottky Barrier Diode Silicon Epitaxial
More results

Similar Description - 1SS413

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
High Speed Switching Application
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
High Speed Switching Application
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
High Speed Switching Application
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com