Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS413 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS413
Description  High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS413 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS413 Datasheet HTML 1Page - Toshiba Semiconductor 1SS413 Datasheet HTML 2Page - Toshiba Semiconductor 1SS413 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS413
2007-11-01
2
Ambient temperature Ta (°C)
P – Ta
140
0
40
75
150
100
50
25
0
125
100
80
60
20
120
Mounted on a glass epoxy
circuit board of 20 x 20mm,
pad dimension 4 x 4mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com