Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ167 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ167
Description  Silicon P Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ167 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ167 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SJ167
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
⎯
⎯
±100
nA
Drain cut-off current
IDSS
VDS = −60 V, VGS = 0
⎯
⎯
−10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = −1 mA, VGS = 0
−60
⎯
⎯
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−2
⎯
−3.5
V
Forward transfer admittance
⎪Yfs⎪
VDS = −10 V, ID = −50 mA
100
⎯
⎯
mS
Drain-source ON resistance
RDS (ON)
ID = −50 mA, VGS = −10 V
⎯
1.3
2.0
Ω
Drain-source ON voltage
VDS (ON)
ID = −50 mA, VGS = −10 V
⎯
−65
−100
mV
Input capacitance
Ciss
VDS = −10 V, VGS = 0, f = 1 MHz
⎯
73
85
pF
Reverse transfer capacitance
Crss
VDS = −10 V, VGS = 0, f = 1 MHz
⎯
15
22
pF
Output capacitance
Coss
VDS = −10 V, VGS = 0, f = 1 MHz
⎯
48
60
pF
Rise time
tr
⎯
8
⎯
Turn-on time
ton
⎯
14
⎯
Fall time
tf
⎯
35
⎯
Switching time
Turn-off time
toff
VIN: tr, tf < 5 ns
D.U. <= 1% (Zout = 50 Ω)
⎯
100
⎯
ns
Note: This transistor is the electrostatic sensitive device.
Please handle with caution.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com