Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ167 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ167
Description  Silicon P Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ167 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ167 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ167 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SJ167
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ167
High Speed Switching Applications
Analog Switch Applications
Interface Applications
• Excellent switching time: ton = 14 ns (typ.)
• High forward transfer admittance: |Yfs| = 100 mS (min)
• Low on resistance: RDS (ON) = 1.3 Ω (typ.)
• Enhancement-mode
• Complementary to 2SK1061
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−60
V
Gate-source voltage
VGSS
±20
V
DC
ID
−200
Drain current
Pulse
IDP
−800
mA
Drain power dissipation (Ta
= 25°C)
PD
300
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1E
Weight: 0.13 g (typ.)


Similar Part No. - 2SJ167

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ167 TOSHIBA-2SJ167 Datasheet
178Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
More results

Similar Description - 2SJ167

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8103 TOSHIBA-TPC8103 Datasheet
292Kb / 5P
TRANSISTOR SILICON P CHANNEL MOS TYPE
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
SILICON P CHANNEL MOS TYPE
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
Silicon P Channel MOS Type
2SJ347 TOSHIBA-2SJ347_07 Datasheet
556Kb / 5P
Silicon P Channel MOS Type
logo
Guangdong Kexin Industr...
KPCF8402 KEXIN-KPCF8402 Datasheet
96Kb / 3P
Silicon P, N Channel MOS Type Transistor
logo
Toshiba Semiconductor
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com