Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2230 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2230
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2230 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2230 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2230,2SC2230A
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 200 V, IE = 0
―
―
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
0.1
μA
hFE (1)
(Note)
VCE = 10 V, IC = 10 mA
120
―
400
DC current gain
hFE (2)
VCE = 10 V, IC = 50 mA
80
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 50 mA, IB = 5 mA
―
―
0.5
V
Base-emitter voltage
VBE
VCE = 10 V, IC = 1 mA
0.50
0.60
0.70
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
50
―
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
―
7.0
pF
Note: hFE (1) classification Y: 120 to 240, GR: 200 to 400
Marking
Part No.
(or abbreviation code)
Part No.
C2230
2SC2230
*1
C2230A
2SC2230A
C2230
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code) *1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com