Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2230 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2230
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2230 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2230 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2230 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2230,2SC2230A
2006-11-09
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC2230,2SC2230A
High-Voltage General Amplifier Applications
Color TV Class-B Sound Output Applications
• High breakdown voltage: VCEO = 180 V (2SC2230A)
• High DC current gain
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
200
V
2SC2230
160
Collector-emitter
voltage
2SC2230A
VCEO
180
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Base current
IB
50
mA
Collector power dissipation
PC
800
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC2230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2230 TOSHIBA-2SC2230 Datasheet
180Kb / 3P
TRANSISTOR (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS)
logo
SHENZHEN YONGERJIA INDU...
2SC2230 WINNERJOIN-2SC2230 Datasheet
136Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2230 FOSHAN-2SC2230 Datasheet
869Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SC2230 KOOCHIN-2SC2230 Datasheet
286Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC2068 TOSHIBA-2SC2068 Datasheet
70Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2231 TOSHIBA-2SC2231 Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2242 TOSHIBA-2SC2242 Datasheet
112Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1569 TOSHIBA-2SC1569 Datasheet
244Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1628 TOSHIBA-2SC1628 Datasheet
145Kb / 4P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR (PCT PROCESS)
2SC3425 TOSHIBA-2SC3425_06 Datasheet
177Kb / 6P
Silicon NPN Triple Diffused Type (PCT Process)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2229 TOSHIBA-2SC2229_06 Datasheet
124Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com