Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2131 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SD2131
Description  Silicon NPN Triple Diffused Type (Darlington)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2131 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SD2131 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD2131
2006-11-21
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
2SD2131
High-Power Switching Applications
Hammer Drive, Pulse Motor Drive Applications
• High DC current gain: hFE = 2000 (min) (VCE = 3 V, IC = 3 A)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 3 A)
• Zener diode included between collector and base.
• Unclamped inductive load energy: E = 150 mJ (min)
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60 ± 10
V
Collector-emitter voltage
VCEO
60 ± 10
V
Emitter-base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Base current
IB
0.5
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
30
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Equivalent Circuit
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)
Base
Emitter
≈ 5 kΩ
≈ 150 Ω
Collector


Similar Part No. - 2SD2131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2131 TOSHIBA-2SD2131 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
03-Feb-1997
More results

Similar Description - 2SD2131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD987 ETC-2SD987 Datasheet
36Kb / 1P
NPN SILICON TRIPLE DIFFUSED DARLINGTON TRANSISTOR
logo
Panasonic Semiconductor
2SD1162 PANASONIC-2SD1162 Datasheet
36Kb / 1P
NPN SILICON TRIPLE DIFFUSED DARLINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Panasonic Semiconductor
PU3120 PANASONIC-PU3120 Datasheet
170Kb / 2P
SILICON NPN TRIPLE-DIFFUSED PLANAR DARLINGTON TYPE
logo
List of Unclassifed Man...
SLA4342 ETC1-SLA4342 Datasheet
356Kb / 3P
Silicon NPN Triple Diffused Planar Darlington
logo
Toshiba Semiconductor
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
Silicon NPN Triple Diffused Type
26-Apr-2007
2SD2604 TOSHIBA-2SD2604_06 Datasheet
141Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
logo
New Jersey Semi-Conduct...
2SD633 NJSEMI-2SD633 Datasheet
149Kb / 2P
SILICON NPN TRIPLE DIFFUSED MESA DARLINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SD1415AF TOSHIBA-2SD1415AF Datasheet
156Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com