Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2131 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD2131
Description  Silicon NPN Triple Diffused Type (Darlington)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2131 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD2131 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2131
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
hFE – IC
Collector current IC (A)
Base current IB (mA)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
0
0
2
4
2
4
6
8
5
Common
emitter
Tc = 25°C
10
6
8
IB = 0.3 mA
3
2
1
0.7
0.5
0
1.5
0
0
2
4
0.8
1.6
2.4
3.2
Common emitter
VCE = 3 V
4.0
6
8
Tc = 100°C
25
−55
30000
0.05
Common emitter
VCE = 3 V
200
1000
5000
10000
0.1
0.3
3
5
Tc = 100°C
25
−55
20
0.5
1
10
500
3000
0.1
10
Tc = −55°C
100
25
Common emitter
IC/IB = 250
10
0.3
0.3
0.5
1
3
5
0.5
1
3
5
0.1
10
Tc = −55°C
100
25
Common emitter
IC/IB = 250
10
0.3
0.3
0.5
1
3
5
0.5
1
3
5
0.1
2.4
1
Common emitter
Tc = 25°C
0
0.3 0.5 1
3
10
100
300
0.4
0.8
1.2
1.6
2.0
5
30 50
IC = 8 A
3
5
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com