Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS424 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS424
Description  High-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS424 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS424 Datasheet HTML 1Page - Toshiba Semiconductor 1SS424 Datasheet HTML 2Page - Toshiba Semiconductor 1SS424 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS424
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS424
High-Speed Switching Applications
Low forward voltage
: VF (3) = 0.50 V (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
30
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
300
mA
Average forward current
IO
200
mA
Surge current (10 ms)
IFSM
1
A
Power dissipation
P *
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*:
Mounted on a glass-epoxy circuit board of 20 × 20 mm,
pad dimensions of 4 × 4 mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1 mA
―
0.18
―
VF (2)
―
IF = 5 mA
―
0.23
―
Forward voltage
VF (3)
―
IF = 200 mA
―
0.42
0.5
V
IR (1)
―
VR = 10 V
―
―
30
Reverse current
IR (2)
―
VR = 20 V
―
―
50
μA
Total capacitance
CT
―
VR = 0, f = 1 MHz
―
20
―
pF
Equivalent Circuit (Top View)
Marking
S8
JEDEC
―
JEITA
―
TOSHIBA
1-1G1A
Weight: 1.4 mg (typ.)
Unit: mm


Similar Part No. - 1SS424

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS424 TOSHIBA-1SS424_14 Datasheet
149Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS424

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com