Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS424 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS424
Description  High-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS424 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS424 Datasheet HTML 1Page - Toshiba Semiconductor 1SS424 Datasheet HTML 2Page - Toshiba Semiconductor 1SS424 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS424
2007-11-01
2
IF - VF
0
0
0
1
10
100
1000
0
0.2
0.4
0.6
FORWARD VOLTAGE VF (V)
Ta=100°C
25
-25
1u
10u
100u
10m
1m
100m
1
AMBIENT TEMPERATURE Ta (
°C)
P – Ta
200
0
175
125
100
50
150
75
25
150
0
50
100
Mounted on a glass-epoxy
circuit board of 20 × 20 mm,
pad dimensions of 4 × 4 mm.
CT - VR
1
10
100
010
20
30
REVERSE VOLTAGE VF (V)
IR - VR
0
0
0
1
10
100
1000
10000
0
5
10
15
20
REVERSE VOLTAGE VR (V)
Ta=100°C
25
-25
1n
10n
100n
10m
10u
100
1u
1m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com