Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38NG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP88CS38NG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38NG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP88CS38NG Datasheet HTML 45Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 46Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 47Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 48Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 49Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 50Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 51Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 52Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-49
2.2.4
Port P5 (P57 to P50)
Port P5 is an 8-bit input/output port which can be configured as an input or an output in
one-bit unit under software control. Input/output mode is specified by the corresponding bit
in the port P5 input/output control register 1 (P5CR1). Port P5 is configured as an input if
its corresponding P5CR1 bit is cleared to “0”, and as an output if its corresponding P5CR1
bit is set to “1”. During reset, P5CR1 is initialized to “0”, which configures port P5 as an
input. The P5 output latches are also initialized to “1”. Data is written into the output latch
regardless of the P5CR1 contents. Therefore initial output data should be written into the
output latch before setting P5CR1.
Port P5 is also used as is also used as AD converter analog input, a pulse width
modulation (PWM) output external interrupt input, timer/counter input, serial bus
interface input/output, and an on screen display (OSD) output (I signal). When used as a
secondary function input pin except I2C bus interface input/output, the input pins should
be set to the input mode. When used as a secondary function output pin except I2C bus
interface input/output, the output pins should be set to the output mode and beforehand
the output latch should be set to “1”. When P52 and P51 are used as I2C bus interface
input/output, P5CR2 bits should be set to the sink open-drain mode, the output latches
should be set to “1”, and the output pins should be set to the output mode. When P57 is used
as an OSD output pin, the output pin should be set to the output mode and beforehand the
port 6 data selection register (PIDS) should be clear to “0”. When used as port P5, the port 6
data selection register (PIDS) should be set to “1”.
Note:
Input mode port is read the state of input pin. When input/output mode is used mixed,
the contents of output latch setting input mode may be changed by executing bit
manipulation instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com