Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38NG Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP88CS38NG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38NG Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP88CS38NG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-97
2.9.8
Data Transfer of I
2C Bus
(1) Device initialization
For initialization of device, set the ACK in SBICRA to “1” and the BC to “000”.
Specify the data length to 8 bits to count clocks for an acknowledge signal. Set a
transfer frequency to the SCK in SBICRA.
Next, set the slave address to the SA in I2CAR and clear the ALS to “0” to set an
addressing format.
After confirming that the serial bus interface pin is high-level, for specifying the
default setting to a slave receiver mode, clear “0” to the MST, TRX and BB in SBICRB,
set “1” to the PIN, “10” to the SBIM, and “00” to bits SWRST1 and SWRST0.
Note:
The initialization of a serial bus interface circuit must be complete within the time
from all devices which are connected to a bus have initialized to and device does
not generate a start condition. If not, the data can not be received correctly because
the other device starts transferring before an end of the initialization of a serial bus
interface circuit.
(2) Start condition and slave address generation
Confirm a bus free status (when BB
= 0).
Set the ACK to “1” and specify a slave address and a direction bit to be transmitted to
the SBIDBR.
By writing “1” to the MST, TRX, BB and PIN, the start condition is generated on a
bus and then, the slave address and the direction bit which are set to the SBIDBR are
output. An INTSBI interrupt request occurs at the 9th falling edge of a SCL clock cycle,
and the PIN is cleared to “0”. The SCL pin is pulled down to the low level while the PIN
is “0”. When an interrupt request occurs the TRX changes by the hardware according
to the direction bits only when an acknowledge signal is returned from the slave device.
Note 1: Do not write a slave address to be output to the SBIDBR while data is transferred. If
data is written to the SBIDBR, data to been outputting may be destroyed.
Note 2: The bus free must be confirmed by software within 98.0
μs (the shortest
transmitting time according to the I
2C bus standard) after setting of the slave
address to be output. Only when the bus free is confirmed, set “1” to the MST, TRX,
BB, and PIN doesn’t finish within 98.0
μs, the other masters may start the
transferring and the slave address data written in SBIDBR may be broken.
Figure 2.9.13 Start Condition Generation and Slave Address Transfer
Acknowledge
signal from a
slave device
SCL pin
SDA pin
Start condition
Slave address
+ direction bit
1
2
345678
9
A6
A5
A4
A3
A2
A1
A0
R/ W
PIN
INTSBI
interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com